Part Number Hot Search : 
AMS2908 75M50 7C516 TIP120G TIP120G A12181 KT961 MAX5097
Product Description
Full Text Search
 

To Download CZRA5930B-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage: 6.2 to 200 v olts power: 1.5 w atts rohs device page 1 rev :a features -glass passivated chip. -low leakage. -built-in strain relief. -low inductance. -high peak reverse power dissipa. mechanical data -case: do-214ac(sma) , molded plastic. -polarity: color band denotes cathode. -mounting position: any . czra5920b-g thru czra5956b-g p ar am et er s ym bo l v al ue u ni t maximum rating and electrical characteristics 1.5 w p d (1) tl = lead temperature at 3/8 (9.5mm) from body . ma xim un fo rw ard vo lta ge at i f =2 00 ma 1.2 v f v qw -bz019 d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c ( s m a ) 0.109(2.76) 0.099(2.51) 0.064(1.63) 0.048(1.23) 0.206(5.22) 0.192(4.87) 0.012(0.30) 0.006(0.15) 0.008(0.20) 0.059(1.51) 0.030(0.75) 0.089(2.26) 0.077(1.96) 0.173(4.40) 0.155(3.94) -lead(pb)-free component. with high power . -for use in stabilizing and clipping circuits -t erminals: solderable per mil-std-750 ,method 2026. -epoxy: ul 94v -0 rate flame retardant. op era tin g j un cti on an d s tor ag e t em pe rat ur e r an ge -55 to +1 75 t j, t stg c maximum power dissipation,t l = 50c (note1) comchip t echnology co., l td.
smd zener diode page 2 l e a d le n g t h t o h e a t s in k ( in c h e s ) fig.1 t ypical thermal resistance v .s. lead length qw -bz019 fig.3 t emperature coef ficents v .s. zener voltage zener voltage(v) p e a k s u r g e p o w e r ( w ) fig.2 maximum surge power pulse width (ms) p o w e r d i s s i p a t i o n ( w ) fig.4 power temperature derating current lead t emperature (c) 0 2 . 5 1 . 5 1 . 0 0 . 5 0 1 7 5 1 2 5 1 0 0 7 5 5 0 2 5 1 5 0 r a t in g a n d c h a r a c t e r is t ic c u r v e s ( c z r a 5 9 2 0 b - g t h r u c z r a 5 9 5 6 b - g ) rev :a t e m p e r a t u r e c o e f f i c i e n t , ( m v / c ) 1 0 0 1 0 1 0 0 0 1 0 0 3 0 1 0 range j u n c t i o n t o l e a d t h e r m a l r e s i s t a n c e ( c / w ) 0 2 0 4 0 8 0 0 0 . 2 0 . 4 0 . 8 1 . 0 0 . 9 0 . 7 0 . 3 0 . 1 6 0 0 . 5 0 . 6 0 . 1 1 0 0 1 0 1 1 0 1 0 0 1 0 0 0 j u n c t i o n t o l e a d t r i e n s i e n t t h e r m a l fig.5 t ypical thermal response l, lead length=3/8 inch pulse width (ms) 0 . 0 0 0 1 0 . 1 0 . 1 0 . 0 0 1 0 . 0 1 1 0 1 0 0 1 1 0 1 r e s i s t a n c e ( c / w ) d=0.5 d=0.2 d=0.1 d=0.05 d=0.02 d=0.01 d=0 d=note:below 0.1 second, thermal response curve is comchip t echnology co., l td.
smd zener diode page 3 electrical characteristics(t a = 25c) qw -bz019 mar king cod e p a r t n u m b e r v z @ i z t (o h m ) z z t @ i z t ir @ v r m a x im u m m a x im u m r e v e r s e l e a k a g e c u r r e n t rev :a c z r a 5 9 2 2 b -g 7 .5 iz t (v ) (m a ) z e n e r v o lt a g e n o m in a l 5 0 .0 3 .0 4 0 0 0 .5 (o h m ) z z k @ i z k iz k (m a ) z e n e r i m p e d a n c e (u a ) (v ) m a x im u m d c z e n e r c u r r e n t iz m (m a ) 5 .0 6 .0 4 0 0 9 2 2 b c z r a 5 9 2 0 b -g 6 .2 6 0 .5 2 .0 2 0 0 1 .0 5 .0 4 .0 2 4 1 9 2 0 b c z r a 5 9 2 3 b -g 8 .2 4 5 .7 3 .5 4 0 0 0 .5 5 .0 6 .5 3 6 4 9 2 3 b c z r a 5 9 2 4 b -g 9 .1 4 1 .2 4 .0 5 0 0 0 .5 5 .0 7 .0 3 2 8 9 2 4 b c z r a 5 9 2 5 b -g 1 0 3 7 .5 4 .5 5 0 0 0 .2 5 5 .0 8 .0 3 0 0 9 2 5 b c z r a 5 9 2 6 b -g 1 1 3 4 .1 5 .5 5 5 0 0 .2 5 5 .0 8 .4 2 7 2 9 2 6 b c z r a 5 9 2 7 b -g 1 2 3 1 .2 6 .5 5 5 0 0 .2 5 1 .0 9 .1 2 5 0 9 2 7 b c z r a 5 9 2 8 b -g 1 3 2 8 .8 7 .0 5 5 0 0 .2 5 1 .0 9 .9 2 3 0 9 2 8 b c z r a 5 9 2 9 b -g 1 5 2 5 .0 9 .0 6 0 0 0 .2 5 1 .0 1 1 .4 2 0 0 9 2 9 b c z r a 5 9 3 0 b -g 1 6 2 3 .4 1 0 6 0 0 0 .2 5 1 .0 1 2 .2 1 8 6 9 3 0 b c z r a 5 9 3 1 b -g 1 8 2 0 .8 1 2 6 5 0 0 .2 5 1 .0 1 3 .7 1 6 6 9 3 1 b c z r a 5 9 3 2 b -g 2 0 1 8 .7 1 4 6 5 0 0 .2 5 1 .0 1 5 .2 1 5 0 9 3 2 b c z r a 5 9 3 3 b -g 2 2 1 7 .0 1 8 6 5 0 0 .2 5 1 .0 1 6 .7 1 3 6 9 3 3 b c z r a 5 9 3 4 b -g 2 4 1 5 .6 1 9 7 0 0 0 .2 5 1 .0 1 8 .2 1 2 4 9 3 4 b c z r a 5 9 3 5 b -g 2 7 1 3 .9 2 3 7 0 0 0 .2 5 1 .0 2 0 .6 1 1 0 9 3 5 b c z r a 5 9 3 6 b -g 3 0 1 2 .5 2 6 7 5 0 0 .2 5 1 .0 2 2 .8 1 0 0 9 3 6 b c z r a 5 9 3 7 b -g 3 3 1 1 .4 3 3 8 0 0 0 .2 5 1 .0 2 5 .1 9 0 9 3 7 b c z r a 5 9 3 8 b -g 3 6 1 0 .4 3 8 8 5 0 0 .2 5 1 .0 2 7 .4 8 2 9 3 8 b c z r a 5 9 3 9 b -g 3 9 9 .6 4 5 9 0 0 0 .2 5 1 .0 2 9 .7 7 6 9 3 9 b c z r a 5 9 4 0 b -g 4 3 8 .7 5 3 9 5 0 0 .2 5 1 .0 3 2 .7 6 8 9 4 0 b c z r a 5 9 4 1 b -g 4 7 8 .0 6 7 1 0 0 0 0 .2 5 1 .0 3 5 .8 6 2 9 4 1 b c z r a 5 9 4 2 b -g 5 1 7 .3 7 0 1 1 0 0 0 .2 5 1 .0 3 8 .8 5 8 9 4 2 b c z r a 5 9 4 3 b -g 5 6 6 .7 8 6 1 3 0 0 0 .2 5 1 .0 4 2 .6 5 2 9 4 3 b c z r a 5 9 4 4 b -g 6 2 6 .0 1 0 0 1 5 0 0 0 .2 5 1 .0 4 7 .1 4 8 9 4 4 b c z r a 5 9 4 5 b -g 6 8 5 .5 1 2 0 1 7 0 0 0 .2 5 1 .0 5 1 .7 4 4 9 4 5 b c z r a 5 9 4 6 b -g 7 5 5 .0 1 4 0 2 0 0 0 0 .2 5 1 .0 5 6 .0 4 0 9 4 6 b c z r a 5 9 4 7 b -g 8 2 4 .6 1 6 0 2 5 0 0 0 .2 5 1 .0 6 2 .2 3 6 9 4 7 b c z r a 5 9 4 8 b -g 9 1 4 .1 2 0 0 3 0 0 0 0 .2 5 1 .0 6 9 .2 3 2 9 4 8 b c z r a 5 9 4 9 b -g 1 0 0 3 .7 2 5 0 3 1 0 0 0 .2 5 1 .0 7 6 .0 3 0 9 4 9 b c z r a 5 9 5 0 b -g 1 1 0 3 .4 3 0 0 4 0 0 0 0 .2 5 1 .0 8 3 .6 1 3 9 5 0 b c z r a 5 9 5 1 b -g 1 2 0 3 .1 3 8 0 4 5 0 0 0 .2 5 1 .0 9 1 .2 1 2 9 5 1 b c z r a 5 9 5 2 b -g 1 3 0 2 .9 4 5 0 5 0 0 0 0 .2 5 1 .0 9 8 .8 1 1 9 5 2 b c z r a 5 9 5 3 b -g 1 5 0 2 .5 6 0 0 6 0 0 0 0 .2 5 1 .0 1 1 4 .0 1 0 9 5 3 b c z r a 5 9 5 4 b -g 1 6 0 2 .3 7 0 0 6 5 0 0 0 .2 5 1 .0 1 2 1 .6 9 9 5 4 b c z r a 5 9 5 5 b -g 1 8 0 2 .1 9 0 0 7 0 0 0 0 .2 5 1 .0 1 3 6 .8 8 9 5 5 b c z r a 5 9 5 6 b -g 2 0 0 1 .9 1 9 0 0 9 9 9 0 0 .2 5 1 .0 1 5 2 .0 7 9 5 6 b n o te s : (1 ) t h e t y p e n u m b e r li s te d h a v e a s ta n d a rd t o le ra n c e o n t h n o m in a l z e n e r v o lt a g e o f 5 % . (2 ) t h e r e v e rs e s u rg e c u rr e n t is a n o n -r e p e ti ti v e ,8 .3 m s p u ls e w id th s q u a re w a v e o r e q u iv a le n t s in e -w a v e s u p e ri m p o s e d o n i z t p e r j e d e c m e th o d . c z r a 5 9 2 1 b -g 6 .8 5 5 .1 2 .5 2 0 0 1 .0 5 .0 5 .2 4 4 0 9 2 1 b comchip t echnology co., l td.
smd zener diode page 4 qw -bz019 rev :a comchip t echnology co., l td. polarity b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 1 . 0 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 1 2 . 0 0 . 2 0 1 8 . 4 ( m a x ) 3 3 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 5 3 1 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 4 7 2 0 . 0 0 8 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 7 2 4 ( m a x ) e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 6 8 9 0 . 0 0 4 5 . 5 0 0 . 0 5 0 . 2 1 7 0 . 0 0 2 2 . 7 0 ( m a x ) 0 . 1 0 6 ( m a x ) 5 . 3 0 ( m a x ) 0 . 2 0 9 ( m a x ) 2 . 6 6 ( m a x ) 0 . 1 0 5 ( m a x ) s m a ( d o - 2 1 4 a c ) s m a ( d o - 2 1 4 a c ) reel t aping specification t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... start direction of feed end d 1 d 2 d w 1 t c o 1 2 0 i n d e x h o l e d e f b w p p 0 p 1 a
smd zener diode page 5 qw -bz019 rev :a comchip t echnology co., l td. a b c e d size (inch) 0.150 (mm) 3.80 1.60 2.80 0.063 0.1 10 5.40 0.213 e 2.20 0.087 b c d a do-214ac(sma) suggested p ad layout standard packaging c a s e t y p e 5 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d 1 4 a c o - 2 ( s m a )


▲Up To Search▲   

 
Price & Availability of CZRA5930B-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X